Part Number Hot Search : 
DR150 EZ110 D9HPM ETC5057 TDF20K DFLZ36Q CC002 HEF45
Product Description
Full Text Search
 

To Download SSC-ZHBTGFR421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 *Customer:
SPECIFICATION
ITEM MODEL PART NO. Revision CHIP LED DEVICE SSC-ZHBTGFR421
[Contents] 1. Features 2. Absolute maximum ratings 3. Electro-optical characteristics 4. Soldering profile 5. Outline dimension 6. Packing 7. Reel packing structure 8. Precaution for use 9. Label Structure
Drawn by
Checked by
Approved by
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-ZHBTGFR421 Seoul Semiconductor
- 1/7 -
1. Features
Full-color lighting Package : 1.6x1.5x0.5mm, Flat molding
2. Absolute Maximum Ratings Parameter Power Dissipation Symbol Pd Color Red Green Blue Red Green Blue Red Green Blue -30 ~ +85 -40 ~ +100 Value 72 72 72 30 20 20 50 35 35 Unit
(Ta=25) Remarks
Forward Current
IF IFM*1 Topr Tstg
Peak Forward Current Operating Temperature Storage Temperature

*1 IFM conditions: Pulse width Tw 0.1ms, Duty ratio 1/10
3. Electro-optical Characteristics Parameter Forward Voltage Reverse Current Reverse Voltage Luminous Intensity*2 Wavelength Spectral Bandwidth Viewing angle*3 Symbol VF IR VR IV Condition IF=10 VR=5V IR=10mA IF=10 IF=10 IF=10 IF=10 Color Red Green Blue Red Green Blue Red Green Blue Red Green Blue Red Green Blue Red Green Blue Min 1.7 2.7 2.7 40 85 25 610 510 468 Typ 2.2 3.1 3.1 0.1 0.7 0.7 65 140 40 625 525 474 20 35 25 150 150 150 Max 2.3 3.6 3.4 10 1.6 1.6 85 170 60 640 540 480 -
(Ta=25) Unit V V mcd
d
2
1/2
*2 The luminous intensity IV is measured at the peak of the spatial pattern which may not be aligned with the mechanical axis of the LED package. *3
1/2
is the off-axis where the luminous intensity is 1/2 the peak intensity.
[Note] All products confirm to the listed minimum and maximum specifications for electric and optical characteristics, when operated at 20mA within the maximum ratings shown above. All measurements were made under the standardized environment of SSC. (Tolerance: VF 0.1V, IV 10%, d 2nm)
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-ZHBTGFR421
- 2/7 -
4. Soldering Profile Reflow Soldering Conditions/ Profile (1) Lead Solder -Preliminary heating to be at 150max. for 2 minutes max. -Soldering heat to be at 240max. for 5 seconds max.
LED Surface temperature
C Operation heating 240
150
~
Pre-heating
Temperature rise: 5C/sec.
Cooling: -5C/sec.
120
0 60 to 120 sec. 5sec. max
(2) Lead Free Solder -Preliminary heating to be at 150max. for 2 minutes max. -Soldering heat to be at 260max. for 10 seconds max.
LED Surface temperature C Operation heating 260
150 ~ 120 0
Pre-heating
Temperature rise: 5C/sec.
Cooling: -5C/sec.
60 to 120 sec.
10 sec.
(3) Hand Soldering conditions -Not more than 3 seconds @MAX280, under Soldering iron. SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-ZHBTGFR421
- 3/7 -
5. Outline Dimension
0.4 1.5 2 3 Marking (0.18) Resin 0.2
[Inner Circuit Diagram]
Tolerance: 0.1, Unit:
0.8 0.2 1.8
1.1
Green
1.6
1.2
0.8
PCB 1 0.8 4
1 2 3 4
6. Packing
1.75 0.1
0.05
0.4
0.2
0.5 0.05
0.6
Anode Common
4.0 1.5
+0.1 -0
0.1
1.75
2.0 0.05
Blue
Red
0.2
0.05
0.05
3.5
4.0 0.1
0.5
0.05
1.730.05
(2.75)
8.0
0.2
0.7 0.05
180 +0 -3
11.4 9
0.3
2 0.2
+0.2 -0
22 13
0.2
Label
60
Tolerance: 0.2,
Unit:
(1) Quantity : 4000pcs/Reel (2) Cumulative Tolerance : Cumulative Tolerance/10pitches to be 0.2mm (3) Adhesion Strength of Cover Tape : Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape at 10 angle to be the carrier tape. (4) Package : P/N, Manufacturing data Code No. and quantity to be indicated on a damp proof Package. SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-ZHBTGFR421
- 4/7 -
2.4
7. Reel Packing Structure
Reel
P/N : # # # # # # # # # #
#
SSC-ZHBTGFR421
Lot N o
#########
: 4000
Aluminum Vinyl Bag
P/N : # # # # # # # # # #
#
SSC-ZHBTGFR421
Lot N o
#########
: 4000
Outer Box
*Material: Paper(SW3B(B)) a 7inch 245 c
CHIP LED
PART CODE Q'Y T : : 40,000 E A :
S E O UL SE MIC O N D U C T O R C O ., L T D
TYPE
SIZE(mm) b 220 c 142
: SSC-ZHBTGFR421
CHIP LED b a
LOT NO : DATE
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-ZHBTGFR421
- 5/7 -
8. Precaution for use (1) Storage In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desiccator) with a desiccant . Otherwise, to store them in the following environment is recommended. Temperature : 5~30 (2) Attention after opened However LED is correspond SMD, when LED be soldered dip, interfacial separation may affect the light transmission efficiency, causing the light intensity to drop. Attention in followed. a. After opened and mounted, the soldering shall be quickly. Temperature : 5 ~ 40 Humidity : less than 30% b. Keeping of a fraction Humidity : 60%HR max.
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant components shall be dried 10-12hr. at 605. (4) In case of supposed the components is humid, shall be dried dip-solder just before. 100Hr at 805 or 12Hr at 1005. (5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to normal temp. after soldering. (6) Quick cooling shall not be avoid. (7) Components shall not be mounted on warped direction of PCB. (8) Anti radioactive ray design is not considered for the products listed here in. (9) This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When washing is required, IPA should be used. (10) When the LEDs are illuminating, operating current should be decided after considering the ambient maximum temperature. (11) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage. (12) The LEDs must be soldered within seven days after opening the moisture-proof packing. (13) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry place. (14) The appearance and specifications of the product may be modified for improvement without notice. (15) Static Electricity and surge damages the Blue/Green LEDs. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be properly grounded. (16) It is recommended to use individual resistor separately when the LEDs applies in parallel circuit so that it may improve the light deviations. (17) It is recommended to examine to the full the circuit by using resistor when the LEDs applies in case of lighting seven colors. (White color is not available with single LED.) SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-ZHBTGFR421
- 6/7 -
9. Label Structure
P/N : ########## SSC-ZHBTGFR421
#
Lot No CAA050331#######-## : 4000
Bin(A~R)
Day
Month
Year
SSC-QP-0401-06(REV.0)
SEOUL SEMICONDUCTOR CO,. LTD. 148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea TEL: 82-2-3281-6269 FAX: 82-2-858-5537
SSC-ZHBTGFR421
- 7/7 -


▲Up To Search▲   

 
Price & Availability of SSC-ZHBTGFR421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X